Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 30 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 30 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
30
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Absolute maximum ratings
NOTE : Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommand operation condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC Operating Conditions & Specifications
DC Operating Conditions
Recommended operating conditions (Voltage referenced to VSS=0V, TA=-25 to 85 )
NOTE :
1. Under all conditions, VDDQ must be less than or equal to VDD
2. These parameters should be tested at the pin on actual components and may be checked at either the pin or the pad in simulation.
Parameter
Symbol
Value
Uint
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 2.7
V
Voltage on VDD supply realtive to VSS
VDD
-0.5 ~ 2.7
V
Voltage on VDD supply realtive to VSS
VDDQ
-0.5 ~ 2.7
V
Storage temperature
TSTG
-55 ~ +150
Operatiing temperature
TA
-25 ~ +85
Power dissipation
PD
1.0
W
Short circuit current
IOS
50
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage(for device with a nominal VDD of 1.8V)
VDD
1.7
1.95
V
1
I/O supply voltage
VDDQ
1.7
1.95
V
1
Input logic high voltage
VIH(DC)
0.7 x VDDQ
VDDQ + 0.3
V
2
Input logic low voltage
VIL(DC)
-0.3
0.3 x VDDQ
V
2
Output logic high voltage
VOH(DC)
0.9 x VDDQ
-
V
IOH = -0.1
Output logic low voltage
VOL(DC)
-
0.1 x VDDQ
V
IOL = 0.1
Input leakage current
II
-2
2
Output leakage current
IOZ
-5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com