Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 33 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 33 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 37Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
AC Timing Parameters & Specification
Parameter
Symbol
DDR266
DDR222
Unit
Note
Min
Max
Min
Max
Clock cycle time
CL=2
tCK
12.0
15.0
CL=3
7.5
9
Row cycle time
tRC
67.5
81
Row active time
tRAS
45
70,000
54
70,000
RAS to CAS delay
tRCD
22.5
27
Row precharge time
tRP
22.5
27
Row active to Row active delay
tRRD
15
15
Write recovery time
tWR
15
15
Last data in to Active delay
tDAL
2*tCK+tRP
2*tCK+tRP
-
2
Last data in to Read command
tCDLR
1
1
tCK
Col. address to Col. address dealy
tCCD
1
1
tCK
Clock high level width
tCH
0.45
0.55
0.45
0.55
tCK
Clock low level width
tCL
0.45
0.55
0.45
0.55
tCK
Output data access time from CK/CK
CL=2
tAC
2.0
8.0
2.5
8.0
3
CL=3
2.0
6.0
2.5
6.0
DQS output data access time from CK/CK
CL=2
tDQSCK
2.0
8.0
2.5
8.0
CL=3
2.0
6.0
2.5
6.0
Data storbe edge to output data edge
tDQSQ
0.6
0.7
DQS Read Preamble
CL=2
tRPRE
0.5
1.1
0.5
1.1
tCK
CL=3
0.9
1.1
0.9
1.1
DQS Read Postamble
tRPST
0.4
0.6
0.4
0.6
tCK
CK to valid DQS-in
tDQSS
0.75
1.25
0.75
1.25
tCK
DQS-in write preamble setup time
tWPRES
0
0
4
DQS-in write preamble hold time
tWPREH
0.25
0.25
tCK
DQS-in write postamble time
tWPST
0.4
0.6
0.4
0.6
tCK
DQS-in write preamble time
tWPRE
0.25
0.25
tCK
DQS-in high level width
tDQSH
0.4
0.6
0.4
0.6
tCK
DQS-in low level width
tDQSL
0.4
0.6
0.4
0.6
tCK
DQS falling edge to CK set-up time
tDSS
0.2
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
0.2
tCK
DQS-in cycle time
tDSC
0.9
1.1
0.9
1.1
tCK
Address and Control Input setup time
tIS
1.3
1.5
1
Address and Control Input hold time
tIH
1.3
1.5
1
Address and Control input pulse width
tIPW
2.6
3.0
1
DQ & DM setup time to DQS
tDS
0.8
1.1
5,6
DQ & DM hold time to DQS
tDH
0.8
1.1
5,6
DQ & DM input pulse width
tDIPW
1.8
2.4
DQ and DQS low-impedence time from CK/CK
tLZ
1.0
1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com