Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 36 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 36 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 37Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 38Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 39Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 40Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
36
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
AC Operating Test Conditions (VDD = 1.7V - 1.95V, TA = -25 to 85 )
Input/Output Capacitance (VDD=1.8V, VDDQ=1.8V, TA=25 , f=1 )
Parameter
Value
Unit
AC input levels(Vih/Vil)
0.8
VDDQ / 0.2
VDDQ
V
Input timing measurement reference level
0.5
VDDQ
V
Input signal minimum slew rate
1.0
V/
Output timing measurement reference level
0.5
VDDQ
V
Output load condition
See Figure 2
Parameter
Symbol
Min
Max
Unit
Input capacitance
(A0 ~ A11, BA0 ~ BA1, CKE, CS, RAS, CAS, WE)
CIN1
1.5
3.0
Input capacitance(CK, CK)
CIN2
1.5
3.5
Data & DQS input/output capacitance
COUT
2.0
4.5
Input capacitance(DM)
CIN3
2.0
4.5
1.8V
13.9
VOH (DC) =0.9
VDDQ, IOH = -0.1
VOL (DC) =0.1
VDDQ , IOL = 0.1
20
Z0=50
Vtt=0.5
VDDQ
50
20
(Full DS)
Figure 1. DC Output Load Circuit
Figure 2. AC Output Load Circuit
Output
Output
10.6
10
(Half DS)
CL
5
(Quarter DS)
2.5
(Octant DS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com