Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 18 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 18 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
18
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Burst Stop
The burst stop command is initiated by having RAS and CAS high with CS and WE low at the rising edge of the clock(CK). The burst
stop command has the fewest restrictions making it the easiest method to use when terminating a burst read operation before it has
been completed. When the burst stop command is issued during a burst read cycle, the pair of data and DQS(Data Strobe) go to a
high impedance state after a delay which is equal to the CAS latency set in the mode register. The burst stop command, however, is
not supported during a write burst operation.
The Burst Stop command is a mandatory feature for DDR SDRAMs. The following functionality is required:
1. The BST command may only be issued on the rising edge of the onput clock, CK.
2. BST is only a valid command during Read bursts.
3. BST during a Write burst is undefined and shall not be used.
4. BST applies to all burst lengths.
5. BST is an undefined command during Read with autoprecharge and shall not be used.
6. When terminating a burst Read command, the BST command must be issued LBST(“BST Latency”) clock cycles before the clock
edge at which the output buffers are tristated, where LBST equals the CAS latency for read operations.
7. When the burst terminates, the DQ and DQS pins are tristated.
The BST command is not byte controllable and applies to all bits in the DQ data word and the(all) DQS pin(s).
0
1
2
3
4
5
6
7
8
CK
CK
Command
NOP
NOP
NOP
NOP
DQS
DQs
Figure.12 Burst stop timing
< Burst Length=4, CAS Latency=3 >
Burst Stop
Dout 0
NOP
READ A
NOP
Dout 1
NOP
The burst read ends after a delay equal to the CAS latency.
CAS Latency=3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com