Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 11 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 11 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Row Active
The Bank Activation cimmand is issued by holding CAS and WE high with CS and RAS low at the rising edge of the clock(CK). The
DDR SDRAM has four independent banks, so two Bank Select addresses(BA0, BA1) are required. The Bank Activation command
must be applied before any Read or Write operation is executed. The delay from the Bank Activation command to the first read or
write command must meet or exceed the minimum of RAS to CAS delay time(tRCD min). Once a bank has been activated, it must be
precharged before another Bank Activation command can be applied to the same bank. The minimum time interval between inter-
leaved Bank Activation comands(Bank A to Bank B and vice versa) is the Bank to Bank delay time(tRRD min).
Read Bank
This command is used after the row activate command to initiate the burst read of data. The read command is initiated by activating
CS, CAS, and deassertig WE, RAS at the same clock sampling(rising) edge as described in the command truth table. The length of
the burst and the CAS latency time will be determined by the values programmed during the MRS cycle.
Write Bank
This command is used after the row activate command to initiate the burst write of data. The write command is initiated by activating
RAS, CS, WE, and deassertig RAS at the same clock sampling(rising) edge as described in the command truth table. The length
of the burst will be determined by the values programmed during the MRS cycle.
Bank Activation Command Cycle
0
1
2
3
4
5
Tn
Tn+1
CK
CK
Address
Command
Bank A
Row Addr.
RAS-CAS delay(tRCD)
Bank A
Col. Addr.
NOP
NOP
NOP
Write A
Bank B
Bank A
Activate
with Auto
Bank B
Activate
Row Addr.
Bank A
Row Addr.
Bank A
Activate
NOP
ROW Cycle Time(tRC)
RAS-RAS delay time(tRRD)
: Don’t Care
Figure.4 Bank activation command cycle timing
Precharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com