Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 31 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 31 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 27Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
31
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
DC CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, Temp = -25 to 85 )
NOTE :
1. DPD (Deep Power Down) function is an optional feature, and it will be enabled upon request.
Please contact Ramsway for more information.
2. IDD specifications are tested after the device is properly intialized.
3. Input slew rate is 1V/ .
4. Definitions for IDD:
LOW is defined as VIN
0.1*VDDQ;
HIGH is defined as VIN
0.9*VDDQ;
Parameter
Symbol
Test Condition
DDR
266
DDR
222
Unit
Operating Current
(One Bank Active/Precharge
current)
IDD0
tRC=tRCmin; tCK=tCKmin ; CKE is HIGH; CS is HIGH between valid
commands; address inputs are switching every two clock cycles;
Data bus inputs are stable
80
75
Operating Current
(One Bank Active-Read-Pre-
charge current; Burst=4)
IDD1
tRC=tRCmin; tCK=tCKmin ; CKE is HIGH; IOUT = 0 ;
Address and control inputs changing once per clock cycle
100
95
Precharge Standby
Current in power-down
mode
IDD2P
All banks idle, CKE is LOW; CS is HIGH, tCK=tCKmin;
Address and control inputs are switching every two clock cycles;
Data bus inputs are stable
0.5
IDD2PS
All banks idle, CKE is LOW; CS is HIGH, CK=LOW, CK=HIGH;
address and control inputs are switching every two clock cycles;
Data bus inputs are stable
0.5
Precharge Standby
Current in non power-down
mode
IDD2N
All banks idle, CKE is HIGH; CS is HIGH, tCK=tCKmin; Address and
control inputs are switching every two clock cycles;
Data bus inputs are stable
20
15
IDD2NS
All banks idle, CKE is HIGH; CS is HIGH, CK=LOW, CK=HIGH;
Address and control inputs are switching every two clock cycles;
Data bus inputs are stable
10
10
Active Standby Current
in power-down mode
IDD3P
One bank active, CKE is LOW; CS is HIGH, tCK=tCKmin;
Address and control inputs switching every two clock cycles;
Data bus inputs are stable
5
IDD3PS
One bank active, CKE is LOW; CS is HIGH, CK=LOW, CK=HIGH;
Address and control inputs are switching every two clock cycles;
Data bus inputs are stable
3
Active Standby Current
in non power-down mode
(One Bank Active)
IDD3N
One bank active, CKE is HIGH; CS is HIGH, tCK=tCKmin;
Address and control inputs switching every two clock cycles;
Data bus inputs are stable
25
20
IDD3NS
One bank active, CKE is HiGH; CS is HIGH, CK=LOW, CK=HIGH;
Address and control inputs are switching every two clock cycles;
Data bus inputs are stable
20
15
Operating Current
(Burst Mode)
IDD4R
One bank active; BL=4; CL=3; tCK=tCKmin; Continuous read bursts;
IOUT = 0 ; Address inputs are switching;
50% data change each burst tranfer
120
115
IDD4W
One bank active; BL=4; tCK=tCKmin; Continuous write bursts;
Address inputs are switching; 50% Data change each burst transfer
100
95
Refresh Current
IDD5
tRC=tRFCmin; tCK=tCKmin; burst refresh; CKE is HIGH;
Address and control inputs are switching; Data businputs are stable
100
95
Self Refresh Current
IDD6
CKE is LOW; tCK= tCKmin ;
Extended Mode Register set to all 0’s; address
and control inputs are stable; Data bus inputs
are stable
TCSR Range
Max
45
Max
85
4 Banks
220
250
2 Banks
170
190
1 Bank
135
150
Deep Power Down Current
IDD8*1
Address and control inputs are stable; Data bus inputs are stable
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com