Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 34 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 34 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 37Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 38Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Parameter
Symbol
DDR266
DDR222
Unit
Note
Min
Max
Min
Max
DQ and DQS high-impedence time from CK/CK
tHZ
6.0
7.0
Refresh inteval time
64Mb
tREF
64
64
ms
Mode register set cycle time
tMRD
2
2
tCK
Power down exit time
tPDEX
1*tCK+tIS
1*tCK+tIS
CKE min. pulse width (high and low pulse width)
tCKE
2
2
tCK
Auto refresh cycle time
tARFC
80
80
7
Exit self refresh to active command
tXSR
120
120
Data hold skew
tQHS
0.75
1.0
Data hold from DQS to earliest DQ edge
tQH
tHPmin-
tQHS
tHPmin-
tQHS
Clock half period
tHP
tCLmin or
tCHmin
tCLmin or
tCHmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com