Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 13 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 13 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Burst Write Operation
The Burst Write command is issued by having CS, CAS, and WE low while holding RAS high at the rising edge of the clock(CK). The
address inputs determine the starting column address. There is no write latency relative to DQS required for burst write cycle. The
first data of a burst write cycle must be applied on the DQ pins tDS(Data-in setup time) prior to data strobe edge enabled after
tDQSS from the rising edge of the clock(CK) that the write command is issued. The remaining data inputs must be supplied on each
subsequent falling and rising edge of Data Strobe until the burst length is completed. When the burst has been finished, any
additional data supplied to the DQ pins will be ignored.
1. The specific requirement is that DQS be valid(High or Low) on or before this CK edge.
The case shown(DQS going from High_Z to logic Low) applies when no writes were previously in progress on the bus.
If a previous write was in progress, DQS could be High at this time, depending on tDQSS.
0
1
2
3
4
5
6
7
8
CK
CK
Command
NOP
NOP
*1
NOP
NOP
NOP
NOP
NOP
tWPRES*1
tDQSSmax
DQS
DQs
Figure.6 Burst write operation timing
< Burst Length=4 >
WRITEA
WRITEB
Din 0 Din 1 Din 2 Din 3 Din 0
Din 2
Din 1
Din 3
*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com