Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 32 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 32 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 28Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 29Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 30Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
32
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
STABLE is defined as inputs stable at a HIGH or LOW level;
SWITCHING is defined as:
-address and command: inputs changing between HIGH and LOW once per two clock cycles
-data bus inputs: DQ changing between HIGH and LOW once per clock cycle; DM and DQS are STABLE.
AC operating Conditions & Timing Specification
NOTE :
1. These parameters should be tested at the pin on actual components and may be checked at either the pin or the pad in simulation.
2. The value of VIX is expected to equal 0.5*VDDQ of the transmitting device and must track variations in the DC level of the same.
Parameter/Condition
Symbol
Min
Max
Unit
Note
Input High (Logic 1) Voltage, all inputs
VIH(AC)
0.8 x VDDQ
VDDQ + 0.3
V
1
Input Low (Logic 0) Voltage, all inputs
VIL(AC)
-0.3
0.2 x VDDQ
V
1
Input Crossing Point Voltage, CK and CK inputs
VIX(AC)
0.4 x VDDQ
0.6 x VDDQ
V
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com