Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 17 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 17 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
17
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Write Interrupted by a Precharge & DM
A burst write operation can be interrupted before completion of the burst by a precharge of the same bank. Random column access is
allowed. A write recovery time(tWR) is required from the last data to precharge command. When precharge command is asserted, any
residual data from the burst write cycle must be masked by DM.
Precharge timing for Write operations in DRAMs requries enough time to allow “write recovery “ which is the time required by a
DRAM core to properly store a full “0” or “1” level before a Precharge operation. For DDR SDRAM, a timing parameter, tWR, is used
to indicate the required amount of time between the last valid write operation and a Precharge command to the same bank.
The precharge timing for writes is a complex definition since the write data is sampled by the data strobe and the address is sampled
by the input clock. Inside the SDRAM, the data path is eventually synchronized with the address path by swithing clock domains from
the data strobe clock domain to the input clock domain. This makes the definition of when a precharge operation can be initiated after
a write very complex since the write recovery parameter must reference only the clock domain that is used to time the internal write
operation, i.e., the input clock domain.
tWR starts on the rising clock edge after the last possible DQS edge that strobed in the last valid data and ends on the rising clok edge
that strobes in the prechrge command.
1. For the earilest possible Precharge command following a Write burst without interrupting the burst , the minimum time for write
recovery is defined by tWR.
2. When a precharge command interrupts a Write burst operation, the data mask pin, DM, is used to mask input data during the time
between the last valid write data and the rising clock edge on which the Precharge command is given. During this time, the DQS
input is still required to strobe in the state of DM. The minimum time for write recovery is defined by tWR.
3. For a Write with autoprecharge command, a new Bank Activate command may be issued to the same bank after tWR+tRP where
tWR+tRP starts on the falling DQS edge that strobed in the last valid data and ends on the rising clock edge that strobes in the Bank
Activate command. During write with autoprecharge, the initiation of the internal precharge occurs at the same time as the earliest
possible external Precharge command without interrupting the Write burst as described in 1 above.
4. In all cases, a Precharge operation cannot be initiated unless tRAS(min) [minimum Bank Activate to Precharge time] has been
satisfied. This includes Write with autoprecharge commands where tRAS(min) must still be satisfied such that a Write with
autoprecharge command has the same timing as a Write command followed by the earliest possible Precharge command which
does not interrupt the burst.
5. Refer to “3.3.2 Burst write operation”
0
1
2
3
4
5
6
7
8
CK
CK
Command
NOP
NOP
NOP
Precharge
DQS
DQs
Figure.11 Write interrupted by a precharge and DM timing
< Burst Length=8 >
WRITE A
Din a0
NOP
WRITE B
Din a1 Din a2 Din a3 Din a4 Din a5
NOP
NOP
Din a0 Din a1 Din a2 Din a3 Din a4 Din a5
Din a6 Din a7
Din b0 Din b1
Din b0 Din b1 Din b2
Din a6 Din a7
DM
Min tDQSS
DQS
DQs
DM
Max tDQSS
tDQSSmax
tWPRES tWPREH
tDQSSmin
tWPRES tWPREH
tWPRES tWPREH
tDQSSmax
tDQSSmin
tWPRES tWPREH
tWR
tWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com