Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 5 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 5 Page - Emerging Memory & Logic Solutions Inc

  RMLD232UAW Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
NOTE :
1. Apply power and attempt to maintain CKE at a high state and all other inputs may be undefined.
-Apply VDD before or at the same time as VDDQ.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200 .
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
6. Issue a extended mode register set command to define PASR or DS operating type of the device after normal MRS.
EMRS cycle is not mandatory and the EMRS command needs to be issued only when either PASR or DS is used.
The default state without EMRS command issued is half driver strength, and Full array refreshed.
The device is now ready for the operation selected by EMRS.
For operating with PASR or DS, set PASR of DS mode in EMRS setting stage.
In order to adjust another mode in the state of PASR or DS mode, additional EMRS set is required but power up sequence is not
needed again at this time. In that case, all banks have to be in idle state prior to adjusting EMRS set.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
1 5
16
17
18
19
20
Hi-Z
Hi-Z
High
CK
CK
CKE
CS
RAS
CAS
ADDR
BA0
BA1
A10/AP
DQ
WE
DQS
tRP
tARFC
Precharge
tARFC
(All Bank)
Auto
Normal
MRS
Refresh
Auto
Refresh
Extended
Row Active
(A-Bank)
MRS
Key
Key
RAa
RAa
Hi-Z
Hi-Z
Power Up Sequence for Low Power DDR SDRAM
: Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com