Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 37 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 37 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 37Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 38Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 39Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 40Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 41Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
37
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
AC Overshoot/Undershoot Specification for Address & Control Pins
AC Overshoot/Undershoot Specification for CLK, DQ, DQS and DM Pins
Parameter
Specification
Maximum peak Amplitude allowed for overshoot area
0.9V
Maximum peak Amplitude allowed for undershoot area
0.9V
Maximum overshoot area above VDD
3V-ns
Maximum undershoot area below VSS
3V-ns
Parameter
Specification
Maximum peak Amplitude allowed for overshoot area
0.9V
Maximum peak Amplitude allowed for undershoot area
0.9V
Maximum overshoot area above VDDQ
3V-ns
Maximum undershoot area below VSSQ
3V-ns
Overshoot Area
Undershoot Area
Maximum Amplitude
Maximum Amplitude
VDDQ
VSSQ
Volts(V)
Time(ns)
Figure 4. AC Overshoot and Undershoot Definition for CLK, DQ, DQS and DM Pins
Overshoot Area
Undershoot Area
Maximum Amplitude
Maximum Amplitude
VDD
VSS
Volts(V)
Time(ns)
Figure 3. AC Overshoot and Undershoot Definition for Address and Control Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com