Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 10 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 10 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Precharge
The precharge command is used to precharge or close a bank that has been activated. The precharge command is issued when CS,
RAS and WE are low and CAS is high at the rising edge of the clock. The precharge command can be used to precharge each bank
respectively or all banks simultaneously. The bank select addresses(BA0, BA1) are used to define which bank is precharged when
the command is initiated. For write cycle, tWR(min.) must be satisfied until the precharge command can be issued. After tRP from the
precharge, an active command to the same bank can be initiated.
Bank selection for precharge by Bank Address bits
No Operation(NOP) & Device Deselect
The device should be deselected by deactivating the CS signal. In this mode DDR SDRAM should ignore all the control inputs. The
DDR SDRAMs are put in NOP mode when CS is active and by deactivating RAS, CAS and WE. Both Device Deselect and NOP com-
mand can not affect operation already in progress. So even if the device is deselected or NOP command is issued under operation,
operation will be complete.
A10/AP
BA1
BA0
Precharge
0
0
0
Bank A Only
0
0
1
Bank B Only
0
1
0
Bank C Only
0
1
1
Bank D Only
1
X
X
All Banks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com