Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 35 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 35 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 31Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 32Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 33Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 34Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 35Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 36Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 37Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 38Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 39Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
35
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
NOTES:
1.Input Setup/Hold Slew Rate Derating
This derating table is used to increase tIS/tIH in the case where the input slew rate is below 1.0V/ .
2. Minimum 5CLK of tDAL(=tWP +tRP) is required because it need minimum 2 CLKs for tWP and minimum 3 CLKs for tRP.
3. tAC(min) value is measured at the high Vdd(1.95V) and cold temperature(-25 ).
tAC(max) value is measured at the low Vdd(1.7V) and cold temperature(-25 ).
tAC is measured in the device with half driver strength(CL=10pF) and under the AC output load condition(fig.2 in next Page).
4. The specific requirement is that DQS be valid(High or Low) on or before this CK edge. The case shown(DQS going from High-Z to
logic Low) applies when no writes were previously in progress on the bus. If a previous write was in progress, DQS could be High
at this time, depending on tDQSS.
5. I/O Setup/Hold Slew Rate Derating
This derating table is used to increase tDS/tDH in the case where the I/O slew rate is below 1.0V/ .
6. I/O Delta Rise/Fall Rate(1/slew-rate) Derating
This derating table is used to increase tDS/tDH in the case where the DQ and DQS slew rates differ. The Delta Rise/Fall Rate is
calculated as 1/SlewRate1-1/SlewRate2. For example, if slew rate 1=1.0V/
and slew rate 2=0.8V/ , then the Delta Rise/Fall
Rate=-0.25 /V.
7. Maximum burst refresh cycle : 8
Input Setup/Hold Slew Rate
tIS
tIH
(V/
)
( )
( )
1.0
0
0
0.8
+50
+50
0.6
+100
+100
I/O Setup/Hold Slew Rate
tDS
tDH
(V/ )
( )
( )
1.0
0
0
0.8
+75
+75
0.6
+150
+150
Delta Rise/Fall Rate
tDS
tDH
( /V)
( )
( )
0
0
0
0.25
+50
+50
0.5
+100
+100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com