Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 22 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 22 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 26Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Auto Refresh & Self Refresh
Auto Refresh
An auto refresh command is issued by having CS, RAS and CAS held low with CKE and WE high at the rising edge of the clock(CK).
All banks must be precharged and idle for tRP(min) before the auto refresh command is applied. No control of the external address
pins is required once this cycle has started because of the internal address counter. When the refresh cycle has completed, all banks
will be in the idle state. A delay between the auto refresh command and the next activate command or subsequent auto refresh com-
mand must be greater than or equal to the tARFC(min).
Self Refresh
A Self Refresh command is defined by having CS, RAS, CAS and CKE held low with WE high at the rising edge of the clock. Once
the self Refresh command is initiated, CKE must be held low to keep the device in Self Refresh mode. After 1 clock cycle from the self
refresh command, all of the external control signals including sysem clock(CK, CK) can be disabled except CKE. The clock is inter-
nally disabled during Self Refresh operation to reduce power. To exit the Self Refresh mode, supply stable clock input before return-
ing CKE high, assert deselect or NOP command and then assert CKE high. In case that the system uses burst auto refresh during
normal operation, it is recommended to use burst 8192 auto refresh cycle immediately before entering self refresh mode and after
exiting in self refresh mode. On the other hand, if the system uses the distributed auto refresh, the system only has to keep the
refresh duty cycle.
CK
CK
CK
CK
NOP
CKE
Active
PRE
Auto
Refresh
CMD
CKE = High
tRP
tARFC(min)
Figure.16 Auto refresh timing
Self
Refresh
tIS
Stable Clock
tSRFX(min)
tIS
Figure.17 Self refresh timing
Command
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com