Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 64 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 64 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 60Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 61Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 62Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 63Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 64Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 65Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 66Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 67Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 68Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 182 page
background image
64
4173E–USB–09/07
AT89C5132
Figure 14-6. Voice or Sound Mode Audio Flows
Note:
1. An under-run occurrence signifies that the C51 core did not respond to the previous sample request interrupt. It may never
occur for a correct voice/sound generation. It is the user’s responsibility to mask it or not.
14.7
Registers
Table 51. AUDCON0 Register
AUDCON0 (S:9Ah) – Audio Interface Control Register 0
Reset Value = 0000 1000b
Table 52. AUDCON1 Register
AUDCON1 (S:9Bh) – Audio Interface Control Register 1
Load 8 Samples in the
Audio Buffer
Voice/Song Mode
Configuration
Configure Interface
HLR = X
DSIZ = X
POL = X
JUST4:0 = XXXXXb
DUP1:0 = XX
Program Audio Clock
Enable DAC System
Clock
AUDEN = 1
Wait for DAC
Enable Time
Enable Interrupt
Set MSREQ & MUDRN1
EAUD = 1
Audio Interrupt
Service Routine
Under-run Condition1
Load 4 Samples in the
Audio Buffer
Sample Request?
SREQ = 1?
7
6
5
4
3
2
1
0
JUST4
JUST3
JUST2
JUST1
JUST0
POL
DSIZ
HLR
Bit Number
Bit
Mnemonic
Description
7-3
JUST4:0
Audio Stream Justification Bits
Refer to Section "Data Converter", page 61 for bits description.
2
POL
DSEL Signal Output Polarity
Set to output the left channel on high level of DSEL output (PCM mode).
Clear to output the left channel on the low level of DSEL output (I2S mode).
1
DSIZ
Audio Data Size
Set to select 32-bit data output format.
Clear to select 16-bit data output format.
0
HLR
High/Low Rate Bit
Set by software when the PLL clock frequency is 384·Fs.
Clear by software when the PLL clock frequency is 256·Fs.
7
6
5
4
3
2
1
0
–
–
MSREQ
MUDRN
-
DUP1
DUP0
AUDEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com