Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 182 page
background image
90
4173E–USB–09/07
AT89C5132
Figure 16-13. Command Transmission Flow
16.5.2
Command Receiver
The end of the response reception is signalled by the EORI flag in MMINT register. This flag may
generate an MMC interrupt request as detailed in Section "Interrupt", page 96. When this flag is
set, two other flags in MMSTA register: RESPFS and CRC7S give a status on the response
received. RESPFS indicates if the response format is correct or not: the size is the one expected
(48 Bits or 136 Bits) and a valid End bit has been received, and CRC7S indicates if the CRC7
computation is correct or not. These Flags are cleared when a command is sent to the card and
updated when the response has been received.
The user may abort response reading by setting and clearing the CRPTR bit in MMCON0 regis-
ter which resets the read pointer to the receive FIFO.
According to the MMC specification delay between a command and a response (formally NCR
parameter) cannot exceed 64 MMC clock periods. To avoid any locking of the MMC controller
when card does not send its response (e.g. physically removed from the bus), user must launch
a timeout period to exit from such situation. In case of timeout user may reset the command con-
troller and its internal state machine by setting and clearing the CCR bit in MMCON2 register.
This timeout may be disarmed when receiving the response.
16.6
Data Line Controller
The data line controller is based on a 16-byte FIFO used both by the data transmitter channel
and by the data receiver channel.
Command
Transmission
Load Command in
Buffer
MMCMD = Index
MMCMD = Argument
Configure Response
RESPEN = X
RFMT = X
CRCDIS = X
Transmit Command
CMDEN = 1
CMDEN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com