Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 182 page
background image
19
4173E–USB–09/07
AT89C5132
7.3
Boot Memory Execution
As internal C51 code space is limited to 64K Bytes, some mechanisms are implemented to allow
boot memory to be mapped in the code space for execution at addresses from F000h to FFFFh.
The boot memory is enabled by setting the ENBOOT bit in AUXR1 (see Table 6). The three
ways to set this bit are detailed in the following sections.
7.3.1
Software Boot Mapping
The software way to set ENBOOT consists in writing to AUXR1 from the user’s software. This
enables bootloader or API routines execution.
7.3.2
Hardware Condition Boot Mapping
The hardware condition is based on the ISP pin. When driving this pin to low level, the chip reset
sets ENBOOT and forces the reset vector to F000h instead of 0000h in order to execute the
bootloader software.
As shown in Figure 7-3, the hardware condition always allows in-system recovery when user’s
memory has been corrupted.
7.3.3
Programmed Condition Boot Mapping
The programmed condition is based on the Bootloader Jump Bit (BLJB) in HSB. As shown in
Figure 7-3, when this bit is programmed (by hardware or software programming mode), the chip
resets ENBOOT and forces the reset vector to F000h instead of 0000h, in order to execute the
bootloader software.
Figure 7-3.
Hardware Boot Process Algorithm
The software process (bootloader) is detailed in the AT89C5132 Bootloader datasheet.
Atmel’s
Boot Loader
Hard Cond?
ISP = L?
RESET
Hard Cond Init
ENBOOT = 1
PC = F000h
FCON = 00h
Prog Cond?
BLJB = P?
Standard Init
ENBOOT = 0
PC = 0000h
FCON = F0h
Prog Cond Init
ENBOOT = 1
PC = F000h
FCON = F0h
User’s
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com