Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 182 page
background image
17
4173E–USB–09/07
AT89C5132
7.
Program/Code Memory
The AT89C5132 implements 64K Bytes of on-chip program/code memory. Figure 7-1 shows the
split of internal and external program/code memory spaces depending on the product.
The Flash memory increases EPROM and ROM functionality by in-circuit electrical erasure and
programming. The high voltage needed for programming or erasing Flash cells is generated on-
chip using the standard VDD voltage, made possible by the internal charge pump. Thus, the
AT89C5132 can be programmed using only one voltage and allows in application software pro-
gramming. Hardware programming mode is also available using common programming tools.
See the application note ‘Programming T89C51x and AT89C51x with Device Programmers’.
The AT89C5132 implements an additional 4K Bytes of on-chip boot Flash memory provided in
Flash memory. This boot memory is delivered programmed with a standard bootloader software
allowing In-System Programming (ISP). It also contains some Application Programming Inter-
faces (API), allowing In Application Programming (IAP) by using user’s own bootloader.
Figure 7-1.
Program/Code Memory Organization
7.1
Flash Memory Architecture
As shown in Figure 7-2 the AT89C5132 Flash memory is composed of four spaces detailed in
the following paragraphs.
Figure 7-2.
AT89C5132 Memory Architecture
4K Bytes
Boot Flash
FFFFh
F000h
0000h
64K Bytes
Code Flash
FFFFh
F000h
FFFFh
64K Bytes
Flash Memory
0000h
Hardware Security
User
4K Bytes
Flash Memory
FFFFh
F000h
Boot
Extra Row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com