Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 68Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 69Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 70Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 73Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 74Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 75Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 182 page
background image
72
4173E–USB–09/07
AT89C5132
Figure 15-7. USB Interrupt Control Block Diagram
15.3
Registers
Table 56. USBCON Register
USBCON (S:BCh) – USB Global Control Register
TXCMP
UEPSTAX.0
RXOUT
UEPSTAX.1
RXSETUP
UEPSTAX.2
STLCRC
UEPSTAX.3
EPxIE
UEPIEN.x
EPxINT
UEPINT.x
SOFINT
USBINT.3
ESOFINT
USBIEN.3
SPINT
USBINT.0
ESPINT
USBIEN.0
EUSB
IEN1.6
EORINT
USBINT.4
WUPCPU
USBINT.5
EWUPCPU
USBIEN.5
EEORINT
USBIEN.4
Endpoint x (x = 0.3)
USB interrupt
7
6
5
4
3
2
1
0
USBE
SUSPCLK
SDRMWUP
-
UPRSM
RMWUPE
CONFG
FADDEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com