Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 182 page
background image
16
4173E–USB–09/07
AT89C5132
Table 3. PLLCON Register
PLLCON (S:E9h) – PLL Control Register
Reset Value = 0000 1000b
Table 4. PLLRDIV Register
PLLRDIV (S:EFh) – PLL R Divider Register
Reset Value = 0000 0000b
7
6
5
4
3
2
1
0
R1
R0
-
-
PLLRES
-
PLLEN
PLOCK
Bit Number
Bit
Mnemonic
Description
7 - 6
R1:0
PLL Least Significant Bits R Divider
2 LSB of the 10-bit R divider.
5 - 4
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.
3
PLLRES
PLL Reset Bit
Set this bit to reset the PLL.
Clear this bit to free the PLL and allow enabling.
2
-
Reserved
The values read from this bit is always 0. Do not set this bit.
1
PLLEN
PLL Enable Bit
Set to enable the PLL.
Clear to disable the PLL.
0
PLOCK
PLL Lock Indicator
Set by hardware when PLL is locked.
Clear by hardware when PLL is unlocked.
7
6
5
4
3
2
1
0
R9
R8
R7
R6
R5
R4
R3
R2
Bit Number
Bit
Mnemonic
Description
7 - 0
R9:2
PLL Most Significant Bits R Divider
8 MSB of the 10-bit R divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com