Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 70Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 73Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 74Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 75Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 76Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 77Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 182 page
background image
74
4173E–USB–09/07
AT89C5132
Reset Value = 0000 0000b
Table 58. USBINT Register
USBINT (S:BDh) – USB Global Interrupt Register
Reset Value = 0000 0000b
Table 59. USBIEN Register
USBIEN (S:BEh) – USB Global Interrupt Enable Register
Bit
Number
Bit
Mnemonic Description
7
FEN
Function Enable Bit
Set to enable the function. The device firmware shall set this bit after it has
received a USB reset and participate in the following configuration process with
the default address (FEN is reset to 0).
Cleared by hardware at power-up, should not be cleared by the device firmware
once set.
6-0
UADD6:0
USB Address Bits
This field contains the default address (0) after power-up or USB bus reset.
It shall be written with the value set by a SET_ADDRESS request received by
the device firmware.
7
6
5
4
3
2
1
0
-
-
WUPCPU
EORINT
SOFINT
-
-
SPINT
Bit
Number
Bit
Mnemonic Description
7 - 6
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.
5
WUPCPU
Wake Up CPU Interrupt Flag
Set by hardware when the USB controller is in SUSPEND state and is re-activated
by a non-idle signal from USB line (not by an upstream resume). This triggers a USB
interrupt when EWUPCPU is set in the USBIEN.
Cleared by software after re-enabling all USB clocks.
4
EORINT
End of Reset Interrupt Flag
Set by hardware when a End of Reset has been detected by the USB controller. This
triggers a USB interrupt when EEORINT is set in USBIEN.
Cleared by software.
3
SOFINT
Start of Frame Interrupt Flag
Set by hardware when a USB Start of Frame packet (SOF) has been properly
received. This triggers a USB interrupt when ESOFINT is set in USBIEN.
Cleared by software.
2 - 1
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.
0
SPINT
Suspend Interrupt Flag
Set by hardware when a USB Suspend (Idle bus for three frame periods: a J state for
3 ms) is detected. This triggers a USB interrupt when ESPINT is set in USBIEN.
Cleared by software.
7
6
5
4
3
2
1
0
-
-
EWUPCPU
EEORINT
ESOFINT
-
-
ESPINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com