Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 32Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 33Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 34Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 35Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 36Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 37Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 38Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 39Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 182 page
background image
36
4173E–USB–09/07
AT89C5132
Figure 10-1. Interrupt Control System
EI2C
IEN1.1
EMMC
IEN1.0
EUSB
IEN1.6
ESPI
IEN1.2
EX0
IEN0.0
00
01
10
11
External
Interrupt 0
INT0
EA
IEN0.7
EX1
IEN0.2
External
Interrupt 1
INT1
ET0
IEN0.1
Timer 0
ET1
IEN0.3
Timer 1
EAUD
IEN0.6
Audio
Interface
EADC
IEN1.3
A to D
Converter
SPI
Controller
USB
Controller
EKB
IEN1.4
Keyboard
MMC
Controller
Two-wire
Controller
IPH/L
Interrupt Enable
Lowest Priority Interrupts
Highest
KIN3:0
Priority Enable
SCK
SI
SO
SCL
SDA
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
Priority
Interrupts
ES
IEN0.4
Serial
Port
00
01
10
11
TXD
RXD
MCLK
MDAT
MCMD
AIN1:0
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com