Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 65Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 66Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 67Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 68Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 69Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 70Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 182 page
background image
69
4173E–USB–09/07
AT89C5132
generator and its calculation formula. The USB controller clock frequency must always be 48
MHz.
Figure 15-3. USB Clock Generator and Symbol
15.1.2
Serial Interface Engine (SIE)
The SIE performs the following functions:
•
NRZI data encoding and decoding
•
Bit stuffing and unstuffing
•
CRC generation and checking
•
ACKs and NACKs automatic generation
•
TOKEN type identifying
•
Address checking
•
Clock recovery (using DPLL)
Figure 15-4. SIE Block Diagram
USBCD1:0
USBCLK
48 MHz USB Clock
USBclk
PLLclk
U SBCD
1
+
--------------------------------
=
USB
CLOCK
USB Clock Symbol
PLL
CLOCK
8
Start of Packet
Detector
Clock
Recover
SYNC Detector
PID Decoder
Address Decoder
Serial to Parallel
Converter
CRC5 & CRC16
Generator/Check
USB Pattern Generator
Parallel to Serial Converter
Bit Stuffing
NRZI Converter
CRC16 Generator
NRZI ‘ NRZ
Bit Unstuffing
Packet Bit Counter
End of Packet
Detector
USB
CLOCK
48 MHz
SysClk
Data In
D+
D-
(12 MHz)
8
Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com