Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 69Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 70Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 73Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 74Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 75Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 76Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 182 page
background image
73
4173E–USB–09/07
AT89C5132
Reset Value = 0000 0000b
Table 57. USBADDR Register
USBADDR (S:C6h) – USB Address Register
Bit Number
Bit
Mnemonic
Description
7
USBE
USB Enable Bit
Set to enable the USB controller.
Clear to disable and reset the USB controller.
6
SUSPCLK
Suspend USB Clock Bit
Set to disable the 48 MHz clock input (Resume Detection is still active).
Clear to enable the 48 MHz clock input.
5
SDRMWUP
Send Remote Wake-up Bit
Set to force an external interrupt on the USB controller for Remote Wake UP
purpose.
An upstream resume is send only if the bit RMWUPE is set, all USB clocks are
enabled AND the USB bus was in SUSPEND state for at least 5 ms. See
UPRSM below.
Cleared by software.
4
-
Reserved
The values read from this bit is always 0. Do not set this bit.
3
UPRSM
Upstream Resume Bit (read only)
Set by hardware when SDRMWUP has been set and if RMWUPE is enabled.
Cleared by hardware after the upstream resume has been sent.
2
RMWUPE
Remote Wake-up Enable Bit
Set to enable request an upstream resume signalling to the host.
Clear after the upstream resume has been indicated by RSMINPR.
Note: Do not set this bit if the host has not set the
DEVICE_REMOTE_WAKEUP feature for the device.
1
CONFG
Configuration Bit
Set after a SET_CONFIGURATION request with a non-zero value has been
correctly processed.
Cleared by software when a SET_CONFIGURATION request with a zero value
is received.
Cleared by hardware on hardware reset or when an USB reset is detected on
the bus.
0
FADDEN
Function Address Enable Bit
Set by the device firmware after a successful status phase of a
SET_ADDRESS transaction. It shall not be cleared afterwards by the device
firmware.
Cleared by hardware on hardware reset or when an USB reset is received.
When this bit is cleared, the default function address is used (0).
7
6
5
4
3
2
1
0
FEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com