Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 95Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 182 page
background image
96
4173E–USB–09/07
AT89C5132
Figure 16-19. Data Block Reception Flows
16.6.5
Flow Control
To allow transfer at high speed without taking care of CPU oscillator frequency, the FLOWC bit
in MMCON2 allows control of the data flow in both transmission and reception.
During transmission, setting the FLOWC bit has the following effects:
•
MMCLK is stopped when both FIFOs become empty: F1EI and F2EI set.
•
MMCLK is restarted when one of the FIFOs becomes full: F1EI or F2EI cleared.
During reception, setting the FLOWC bit has the following effects:
•
MMCLK is stopped when both FIFOs become full: F1FI and F2FI set.
•
MMCLK is restarted when one of the FIFOs becomes empty: F1FI or F2FI cleared.
As soon as the clock is stopped, the MMC bus is frozen and remains in its state until the clock is
restored by writing or reading data in MMDAT.
16.7
Interrupt
16.7.1
Description
As shown in Figure 16-20, the MMC controller implements eight interrupt sources reported in
MCBI, EORI, EOCI, EOFI, F2FI, F1FI, and F2EI flags in MMCINT register. These flags were
detailed in the previous sections.
All of these sources are maskable separately using MCBM, EORM, EOCM, EOFM, F2FM,
F1FM, and F2EM mask bits, respectively, in MMMSK register.
Data Block
Reception
Start Transmission
DATEN = 1
DATEN = 0
FIFO Full?
F1EI or F2EI = 1?
FIFO Reading
read 8 data from MMDAT
No More Data
To Receive?
a. Polling Mode
Data Block
Initialization
Start Transmission
DATEN = 1
DATEN = 0
Data Block
Reception ISR
FIFO Reading
read 8 data from MMDAT
No More Data
To Receive?
b. Interrupt Mode
FIFO Full?
F1EI or F2EI = 1?
Mask FIFOs Full
F1FM = 1
F2FM = 1
Unmask FIFOs Full
F1FM = 0
F2FM = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com