Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 73Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 74Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 75Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 76Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 77Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 78Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 182 page
background image
75
4173E–USB–09/07
AT89C5132
Reset Value = 0001 0000b
Table 60. UEPNUM Register
UEPNUM (S:C7h) – USB Endpoint Number
Reset Value = 0000 0000b
Table 61. UEPCONX Register
UEPCONX (S:D4h) – USB Endpoint X Control Register (X = EPNUM set in UEPNUM)
Bit
Number
Bit
Mnemonic
Description
7-6
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.
5
EWUPCPU
Wake up CPU Interrupt Enable Bit
Set to enable the Wake Up CPU interrupt.
Clear to disable the Wake Up CPU interrupt.
4
EEOFINT
End Of Reset Interrupt Enable Bit
Set to enable the End Of Reset interrupt. This bit is set after reset.
Clear to disable End Of Reset interrupt.
3
ESOFINT
Start Of Frame Interrupt Enable Bit
Set to enable the SOF interrupt.
Clear to disable the SOF interrupt.
2-1
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.
0
ESPINT
Suspend Interrupt Enable Bit
Set to enable Suspend interrupt.
Clear to disable Suspend interrupt.
7
6
5
4
3
2
1
0
-
-
-
-
-
-
EPNUM1
EPNUM0
Bit
Number
Bit
Mnemonic Description
7 - 2
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.
1 - 0
EPNUM1:0
Endpoint Number Bits
Set this field with the number of the endpoint which shall be accessed when
reading or writing to registers UEPSTAX, UEPDATX, UBYCTLX or UEPCONX.
7
6
5
4
3
2
1
0
EPEN
-
-
-
DTGL
EPDIR
EPTYPE1
EPTYPE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com