Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 31Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 32Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 33Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 34Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 35Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 36Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 37Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 38Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 182 page
background image
35
4173E–USB–09/07
AT89C5132
Table 33. Priority Levels
A low-priority interrupt is always interrupted by a higher priority interrupt but not by another inter-
rupt of lower or equal priority. Higher priority interrupts are serviced before lower priority
interrupts. The response to simultaneous occurrence of equal priority interrupts is determined by
an internal hardware polling sequence detailed in Table 34. Thus within each priority level there
is a second priority structure determined by the polling sequence. The interrupt control system is
shown in Figure 10-1.
Table 34. Priority Within Same Level
IPHxx
IPLxx
Priority Level
0
0
0 Lowest
0
1
1
1
0
2
1
1
3 Highest
Interrupt Name
Priority Number
Interrupt Address Vectors
Interrupt Request Flag
Cleared by Hardware (H)
or by Software (S)
INT0
0 (Highest Priority)
C:0003h
H if edge, S if level
Timer 0
1
C:000Bh
H
INT1
2
C:0013h
H if edge, S if level
Timer 1
3
C:001Bh
H
Serial Port
4
C:0023h
S
Reserved
5
Audio Interface
6
C:0033h
S
MMC Interface
7
C:003Bh
S
Two-wire Controller
8
C:0043h
S
SPI Controller
9
C:004Bh
S
A-to-D Converter
10
C:0053h
S
Keyboard
11
C:005Bh
S
Reserved
12
C:0063h
-
USB
13
C:006Bh
S
Reserved
14 (Lowest Priority)
C:0073h
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com