Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 182 page
background image
100
4173E–USB–09/07
AT89C5132
Reset Value = 0000 0000b
Table 82. MMINT Register
MMINT (S:E7h Read Only) – MMC Interrupt Register
4
CRC16S
CRC16 Status Bit
Transmission mode
Set by hardware when the token response reports a good CRC.
Cleared by hardware when the token response reports a bad CRC.
Reception mode
Set by hardware when the CRC16 received in the data block is correct.
Cleared by hardware when the CRC16 received in the data block is not correct.
3
DATFS
Data Format Status Bit
Transmission mode
Set by hardware when the format of the token response is correct.
Cleared by hardware when the format of the token response is not correct.
Reception mode
Set by hardware when the format of the frame is correct.
Cleared by hardware when the format of the frame is not correct.
2
CRC7S
CRC7 Status Bit
Set by hardware when the CRC7 computed in the response is correct.
Cleared by hardware when the CRC7 computed in the response is not correct.
This bit is not relevant when CRCDIS is set.
1
RESPFS
Response Format Status Bit
Set by hardware when the format of a response is correct.
Cleared by hardware when the format of a response is not correct.
0
CFLCK
Command FIFO Lock Bit
Set by hardware to signal user not to write in the transmit command FIFO: busy
state.
Cleared by hardware to signal user the transmit command FIFO is available: idle
state.
7
6
5
4
3
2
1
0
MCBI
EORI
EOCI
EOFI
F2FI
F1FI
F2EI
F1EI
Bit
Number
Bit
Mnemonic Description
7
MCBI
MMC Card Busy Interrupt Flag
Set by hardware when the card enters or exits its busy state (when the busy
signal is asserted or deasserted on the data line).
Cleared when reading MMINT.
Bit
Number
Bit
Mnemonic Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com