Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 182 page
background image
102
4173E–USB–09/07
AT89C5132
Reset Value = 1111 1111b
Table 84. MMCMD Register
MMCMD (S:DDh) – MMC Command Register
Reset Value = 1111 1111b
2
F1FM
FIFO 1 Full Interrupt Mask Bit
Set to prevent F1FI flag from generating an MMC interrupt.
Clear to allow F1FI flag to generate an MMC interrupt.
1
F2EM
FIFO 2 Empty Interrupt Mask Bit
Set to prevent F2EI flag from generating an MMC interrupt.
Clear to allow F2EI flag to generate an MMC interrupt.
0
F1EM
FIFO 1 Empty Interrupt Mask Bit
Set to prevent F1EI flag from generating an MMC interrupt.
Clear to allow F1EI flag to generate an MMC interrupt.
7
6
5
4
3
2
1
0
MC7
MC6
MC5
MC4
MC3
MC2
MC1
MC0
Bit
Number
Bit
Mnemonic Description
7 - 0
MC7:0
MMC Command Receive Byte
Output (read) register of the response FIFO.
MMC Command Transmit Byte
Input (write) register of the command FIFO.
Bit
Number
Bit
Mnemonic Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com