Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 105 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 105 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 106Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 107Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 108Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 109Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 182 page
background image
105
4173E–USB–09/07
AT89C5132
Figure 17-2. IDE Write Waveforms
Notes:
1. WR signal may be stretched using M0 bit in AUXR register.
2. When executing MOVX @Ri instruction, P2 outputs SFR content.
3. When executing MOVX @DPTR instruction, if DPHDIS is set (Page Access Mode), P2 out-
puts SFR content instead of DPH.
17.1.1
IDE Device Connection
Figure 17-3 and Figure 17-4 show two examples on how to interface up to two IDE devices to
the AT89C5132. In both examples P0 carries IDE low order data bits D7:0, P2 carries IDE high
order data bits D15:8, while RD and WR signals are respectively connected to the IDE nIOR and
nIOW signals. Other IDE control signals are generated by the external address latch outputs in
the first example while they are generated by some port I/Os in the second one. Using an exter-
nal latch will achieve higher transfer rate.
Figure 17-3. IDE Device Connection Example 1
Figure 17-4. IDE Device Connection Example 2
ALE
P0
P2
WR(1)
DPL or Ri
D7:0
P2
CPU Clock
DPH or P2(2),(3)
D15:8
P2
P2
P0
D15-8
A2:0
ALE
nIOW
nIOR
RD
WR
D7:0
nCS1:0
nRESET
D15-8
A2:0
nIOW
nIOR
D7:0
nCS1:0
nRESET
Latch
IDE Device 0
IDE Device 1
AT89C5132
Px.y
P2/A15:8
P0/AD7:0
D15-8
A2:0
P4.5
nIOW
nIOR
RD
WR
D7:0
nCS1:0
nRESET
D15-8
A2:0
nIOW
nIOR
D7:0
nCS1:0
nRESET
P4.2:0
P4.4:3
IDE Device 0
AT89C5132
IDE Device 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com