Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 106Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 107Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 108Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 109Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 110Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 111Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 182 page
background image
108
4173E–USB–09/07
AT89C5132
Figure 18-1. Timer 1 Baud Rate Generator Block Diagram
18.2.2
Internal Baud Rate Generator
When using the Internal Baud Rate Generator, the Baud Rate is derived from the overflow of the
timer. As shown in Figure 18-2, the Internal Baud Rate Generator is an 8-bit auto-reload timer
feed by the peripheral clock or by the peripheral clock divided by 6 depending on the SPD bit in
BDRCON register (see Table 95). The Internal Baud Rate Generator is enabled by setting BBR
bit in BDRCON register. SMOD1 bit in PCON register allows doubling of the generated baud
rate.
Figure 18-2. Internal Baud Rate Generator Block Diagram
18.3
Synchronous Mode (Mode 0)
Mode 0 is a half-duplex, synchronous mode, which is commonly used to expand the I/0 capabil-
ities of a device with shift registers. The transmit data (TXD) pin outputs a set of eight clock
pulses while the receive data (RXD) pin transmits or receives a byte of data. The 8-bit data are
transmitted and received least-significant bit (LSB) first. Shifts occur at a fixed Baud Rate (see
Section "Baud Rate Selection (Mode 0)", page 110). Figure 18-3 shows the serial port block dia-
gram in Mode 0.
TR1
TCON.6
0
1
GATE1
TMOD.7
Overflow
C/T1#
TMOD.6
TL1
(8 bits)
TH1
(8 bits)
INT1
T1
PER
CLOCK
÷
6
0
1
SMOD1
PCON.7
÷
2
T1
CLOCK
To serial
Port
0
1
Overflow
SPD
BDRCON.1
BRG
(8 bits)
BRL
(8 bits)
PER
CLOCK
÷
6
IBRG
CLOCK
BRR
BDRCON.4
0
1
SMOD1
PCON.7
÷
2
To serial
Port
IBRG0
CLOCK
To serial
Port (M0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com