Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 112 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 112 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 108Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 109Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 110Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 111Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 112Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 116Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 182 page
background image
112
4173E–USB–09/07
AT89C5132
18.4.2
Reception
(Modes 1, 2 and 3)
To prepare for reception, write to SCON register, setting SM0 and SM1 Bits according to
Table 89, and set the REN bit. The actual reception is then initiated by a detected high-to-low
transition on the RXD pin.
18.4.3
Framing Error Detection
(Modes 1, 2 and 3)
Framing error detection is provided for the three asynchronous modes. To enable the framing bit
error detection feature, set SMOD0 bit in PCON register as shown in Figure 18-11.
When this feature is enabled, the receiver checks each incoming data frame for a valid stop bit.
An invalid stop bit may result from noise on the serial lines or from simultaneous transmission by
two devices. If a valid stop bit is not found, the software sets FE bit in SCON register.
Software may examine FE bit after each reception to check for data errors. Once set, only soft-
ware or a chip reset clears FE bit. Subsequently received frames with valid stop Bits cannot
clear FE bit. When the framing error detection feature is enabled, RI rises on stop bit instead of
the last data bit as detailed in Figure 18-17.
Figure 18-11. Framing Error Block Diagram
18.4.4
Baud Rate Selection (Modes 1 and 3)
In modes 1 and 3, the Baud Rate is derived either from the Timer 1 or the Internal Baud Rate
Generator and allows different baud rate in reception and transmission.
As shown in Figure 18-12, the selection is done using RBCK and TBCK Bits in BDRCON
register.
Figure 18-13 gives the baud rate calculation formulas for each baud rate source. Table 90
details Internal Baud Rate Generator configuration for different peripheral clock frequencies and
gives baud rates closer to the standard baud rates.
Figure 18-12. Baud Rate Source Selection (Modes 1 and 3)
SM0
1
0
SMOD0
PCON.6
SM0/FE
SCON.7
Framing Error
Controller
FE
0
1
RBCK
BDRCON.2
T1
CLOCK
To Serial
IBRG
CLOCK
Rx Port
0
1
TBCK
BDRCON.3
T1
CLOCK
To Serial
IBRG
CLOCK
Tx Port
÷
16
÷
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com