Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 95Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 182 page
background image
95
4173E–USB–09/07
AT89C5132
the user may reset the data controller and its internal state machine by setting and clearing the
DCR bit in MMCON2 register.
This time-out may be disarmed after receiving 8 data (F1FI flag set) or after receiving end of
frame (EOFI flag set) in case of block length less than 8 data (1, 2 or 4).
16.6.4.3
Data Reading
Data is read from the FIFO by reading to MMDAT register. Each time one FIFO becomes full
(F1FI or F2FI set), user is requested to flush this FIFO by reading 8 data.
Figure 16-18. Data Stream Reception Flows
Data Stream
Reception
FIFO Full?
F1FI or F2FI = 1?
FIFO Reading
read 8 data from MMDAT
No More Data
To Receive?
a. Polling Mode
Data Stream
Initialization
Data Stream
Reception ISR
FIFO Reading
read 8 data from MMDAT
Send
STOP Command
No More Data
To Receive?
b. Interrupt Mode
FIFO Full?
F1FI or F2FI = 1?
Unmask FIFOs Full
F1FM = 0
F2FM = 0
Send
STOP Command
Mask FIFOs Full
F1FM = 1
F2FM = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com