Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 70 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 70 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 66Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 67Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 68Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 69Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 70Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 73Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 74Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 182 page
background image
70
4173E–USB–09/07
AT89C5132
15.1.3
Function Interface Unit (UFI)
The Function Interface Unit provides the interface between the AT89C5132 and the SIE. It man-
ages transactions at the packet level with minimal intervention from the device firmware, which
reads and writes the endpoint FIFOs.
Figure 15-6 shows typical USB IN and OUT transactions reporting the split in the hardware (UFI)
and software (C51) load.
Figure 15-5. UFI Block Diagram
Figure 15-6. USB Typical Transaction Load
15.2
USB Interrupt System
As shown in Figure 15-7, the USB controller of the AT89C5132 handle sixteen interrupt sources.
These sources are separated in two groups: the endpoints interrupts and the controller inter-
rupts, combined together to appear as single interrupt source for the C51 core. The USB
interrupt is enabled by setting the EUSB bit in IEN1.
To/From C51 Core
Endpoint Control
C51 side
Endpoint Control
USB side
Endpoint 2
Endpoint 1
Endpoint 0
USBCON
USBINT
USBIEN
UEPINT
UEPIEN
UEPNUM
UEPSTAX
USBADDR
UEPCONX
UEPDATX
UEPRST
UBYCTX
UFNUMH
UFNUML
Asynchronous Information
Transfer
Control
FSM
To/From SIE
12 MHz DPLL
OUT Transactions:
HOST
UFI
C51
OUT
DATA0 (n Bytes)
ACK
Endpoint FIFO read (n Bytes)
OUT
DATA1
NACK
OUT
DATA1
ACK
IN Transactions:
HOST
UFI
C51
IN
ACK
Endpoint FIFO Write
IN
DATA1
NACK
C51 interrupt
IN
DATA1
C51 interrupt
Endpoint FIFO write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com