Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 40Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 41Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 42Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 43Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 44Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 45Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 46Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 47Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 182 page
background image
44
4173E–USB–09/07
AT89C5132
11. Power Management
2 power reduction modes are implemented in the AT89C5132: the Idle mode and the Power-
down mode. These modes are detailed in the following sections. In addition to these power
reduction modes, the clocks of the core and peripherals can be dynamically divided by 2 using
the X2 mode detailed in Section “X2 Feature”, page 12.
11.1
Reset
In order to start-up (cold reset) or to restart (warm reset) properly the microcontroller, an high
level has to be applied on the RST pin. A bad level leads to a wrong initialization of the internal
registers like SFRs, Program Counter… and to unpredictable behavior of the microcontroller. A
proper device reset initializes the AT89C5132 and vectors the CPU to address 0000h. RST input
has a pull-down resistor allowing power-on reset by simply connecting an external capacitor to
VDD as shown in Figure 11-1. A warm reset can be applied either directly on the RST pin or indi-
rectly by an internal reset source such as the watchdog timer. Resistor value and input
characteristics are discussed in the Section “DC Characteristics” of the AT89C5132 datasheet.
The status of the Port pins during reset is detailed in Table 16.
Figure 11-1. Reset Circuitry and Power-On Reset
Table 16. Pin Conditions in Special Operating Modes
Note:
1. Refer to Section “Audio Output Interface”, page 75.
11.1.1
Cold Reset
2 conditions are required before enabling a CPU start-up:
•
VDD must reach the specified VDD range
•
The level on X1 input pin must be outside the specification (VIH, VIL)
If one of these 2 conditions are not met, the microcontroller does not start correctly and can exe-
cute an instruction fetch from anywhere in the program space. An active level applied on the
RST pin must be maintained till both of the above conditions are met. A reset is active when the
level VIH1 is reached and when the pulse width covers the period of time where VDD and the
oscillator are not stabilized. 2 parameters have to be taken into account to determine the reset
pulse width:
•
VDD rise time,
•
Oscillator startup time.
Mode
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
MMC
Audio
Reset
Floating
High
High
High
High
High
Floating
1
Idle
Data
Data
Data
Data
Data
Data
Data
Data
Power-down
Data
Data
Data
Data
Data
Data
Data
Data
RST
VSS
To CPU Core
and Peripherals
RST
VDD
+
Power-on Reset
RST input circuitry
P
VDD
From Internal
Reset Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com