Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 19Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 20Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 182 page
background image
21
4173E–USB–09/07
AT89C5132
Reset Value = XXUU UXXX, UUUU UUUU after an hardware full chip erase.
Note:
1. X2B initializes the X2 bit in CKCON during the reset phase.
2. In order to ensure boot loader activation at first power-up, AT89C5132 products are delivered
with BLJB programmed.
3. Bits 0 to 3 (LSN) can only be programmed by hardware mode.
Table 8. SBV Byte – Software Boot Vector
Reset Value = XXXX XXXX, UUUU UUUU after an hardware full chip erase.
Table 9. SSB Byte – Software Security Byte
Reset Value = XXXX XXXX, UUUU UUUU after an hardware full chip erase.
2 - 0
LB2:0
Hardware Lock Bits
Refer to for bits description.
7
6
5
4
3
2
1
0
ADD15
ADD14
ADD13
ADD12
ADD11
ADD10
ADD9
ADD8
Bit Number
Bit
Mnemonic
Description
7 - 0
ADD15:8
MSB of the user’s bootloader 16-bit address location
Refer to the bootloader datasheet for usage information (bootloader dependent).
7
6
5
4
3
2
1
0
SSB7
SSB6
SSB5
SSB4
SSB3
SSB2
SSB1
SSB0
Bit Number
Bit
Mnemonic
Description
7 - 0
SSB7:0
Software Security Byte Data
Refer to the bootloader datasheet for usage information (bootloader dependent).
Bit Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com