Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 67Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 68Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 69Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 70Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 71Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 72Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 73Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 74Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 182 page
background image
71
4173E–USB–09/07
AT89C5132
15.2.1
Controller Interrupt Sources
There are four controller interrupt sources which can be enabled separately in USBIEN:
•
SPINT: Suspend Interrupt Flag.
This flag triggers an interrupt when a USB Suspend (Idle bus for three frame periods: a J
state for 3 ms) is detected.
•
SOFINT: Start Of Frame Interrupt Flag.
This flag triggers an interrupt when a USB start of frame packet has been received.
•
EORINT: End Of Reset Interrupt Flag.
This flag triggers an interrupt when a End Of Reset has been detected by the USB
controller.
•
WUPCPU: Wake Up CPU Interrupt Flag.
This flag triggers an interrupt when the USB controller is in SUSPEND state and is re-
activated by a non-idle signal from USB line.
15.2.2
Endpoint Interrupt Sources
Each endpoint supports four interrupt sources reported in UEPSTAX and combined together to
appear as a single endpoint interrupt source in UEPINT. Each endpoint interrupt can be enabled
separately in UEPIEN.
•
TXCMP: Transmitted In Data Interrupt Flag.
This flag triggers an interrupt after an IN packet has been transmitted for Isochronous
endpoints or after it has been accepted (ACK’ed) by the host for Control, Bulk and Interrupt
endpoints.
•
RXOUT: Received Out Data Interrupt Flag.
This flag triggers an interrupt after a new packet has been received.
•
RXSETUP: Receive Setup Interrupt Flag.
This flag triggers an interrupt when a valid SETUP packet has been received from the host.
•
STLCRC: Stall Sent Interrupt Flag/CRC Error Interrupt Flag.
This flag triggers an interrupt after a STALL handshake has been sent on the bus, for
Control, Bulk and Interrupt endpoints.
This flag triggers an interrupt when the last data received is corrupted for Isochronous
endpoints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com