Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 75Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 76Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 77Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 78Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 79Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 80Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 81Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 82Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 182 page
background image
79
4173E–USB–09/07
AT89C5132
Reset Value = 0000 0000b
Table 66. UEPDATX Register
UEPDATX (S:CFh) – USB Endpoint X FIFO Data Register (X = EPNUM set in UEPNUM)
Reset Value = XXh
Table 67. UBYCTLX Register
UBYCTX (S:E2h) – USB Endpoint X Byte Count Register (X = EPNUM set in UEPNUM)
Reset Value = 0000 0000b
Bit
Number
Bit
Mnemonic Description
7 - 4
-
Reserved
The values read from these Bits are always 0. Do not set these Bits.
3
EP3INTE
Endpoint 3 Interrupt Enable Bit
Set to enable the interrupts for endpoint 3.
Clear to disable the interrupts for endpoint 3.
2
EP2INTE
Endpoint 2 Interrupt Enable Bit
Set to enable the interrupts for endpoint 2.
Clear this bit to disable the interrupts for endpoint 2.
1
EP1INTE
Endpoint 1 Interrupt Enable Bit
Set to enable the interrupts for the endpoint 1.
Clear to disable the interrupts for the endpoint 1.
0
EP0INTE
Endpoint 0 Interrupt Enable Bit
Set to enable the interrupts for the endpoint 0.
Clear to disable the interrupts for the endpoint 0.
7
6
5
4
3
2
1
0
FDAT7
FDAT6
FDAT5
FDAT4
FDAT3
FDAT2
FDAT1
FDAT0
Bit
Number
Bit
Mnemonic Description
7 - 0
FDAT7:0
Endpoint X FIFO Data
Data byte to be written to FIFO or data byte to be read from the FIFO, for the
Endpoint X (see EPNUM).
7
6
5
4
3
2
1
0
-
BYCT6
BYCT5
BYCT4
BYCT3
BYCT2
BYCT1
BYCT0
Bit
Number
Bit
Mnemonic Description
7
-
Reserved
The values read from this Bits are always 0. Do not set this bit.
6-0
BYCT7:0
Byte Count
Byte count of a received data packet. This byte count is equal to the number of
data Bytes received after the Data PID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com