Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 94Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 95Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 96Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 97Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 98Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 99Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 182 page
background image
97
4173E–USB–09/07
AT89C5132
The interrupt request is generated each time an unmasked flag is set, and the global MMC con-
troller interrupt enable bit is set (EMMC in IEN1 register).
Reading the MMINT register automatically clears the interrupt flags (acknowledgment). This
implies that register content must be saved and tested interrupt flag by interrupt flag to be sure
not to overlook any interrupts.
Figure 16-20. MMC Controller Interrupt System
16.8
Registers
Table 78. MMCON0 Register
MMCON0 (S:E4h) – MMC Control Register 0
MMC Interface
Interrupt Request
MCBI
MMINT.7
EOCM
MMMSK.5
EMMC
IEN1.0
MCBM
MMMSK.7
EORM
MMMSK.6
EOFI
MMINT.4
F2FM
MMMSK.3
EOFM
MMMSK.4
EORI
MMINT.6
F2FI
MMINT.3
EOCI
MMINT.5
F2EM
MMMSK.1
F1FM
MMMSK.2
F1EI
MMINT.0
F1EM
MMMSK.0
F1FI
MMINT.2
F2EI
MMINT.1
7
6
5
4
3
2
1
0
DRPTR
DTPTR
CRPTR
CTPTR
MBLOCK
DFMT
RFMT
CRCDIS
Bit
Number
Bit
Mnemonic Description
7
DRPTR
Data Receive Pointer Reset Bit
Set to reset the read pointer of the data FIFO.
Clear to release the read pointer of the data FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com