Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 116 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 116 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 112Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 120Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 182 page
background image
116
4173E–USB–09/07
AT89C5132
18.6.3
Reset Address
On reset, the SADDR and SADEN registers are initialized to 00h, i.e. the given and broadcast
addresses are XXXX XXXXb (all don’t-care bits). This ensures that the Serial Port is backwards
compatible with the 80C51 microcontrollers that do not support automatic address recognition.
18.7
Interrupt
The Serial I/O Port handles two interrupt sources that are the “end of reception” (RI in SCON)
and “end of transmission” (TI in SCON) flags. As shown in Figure 18-16 these flags are com-
bined together to appear as a single interrupt source for the C51 core. Flags must be cleared by
software when executing the serial interrupt service routine.
The serial interrupt is enabled by setting ES bit in IEN0 register. This assumes interrupts are glo-
bally enabled by setting EA bit in IEN0 register.
Depending on the selected mode and whether the framing error detection is enabled or not, RI
flag is set during the stop bit or during the ninth bit as detailed in Figure 18-17.
Figure 18-16. Serial I/O Interrupt System
Figure 18-17. Interrupt Waveforms
18.8
Registers
Table 91. SCON Register
ES
IEN0.4
Serial I/O
Interrupt Request
TI
SCON.1
RI
SCON.0
RXD
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
8-bit Data
Stop Bit
RI
SMOD0 = X
FE
SMOD0 = 1
a. Mode 1
b. Mode 2 and 3
RXD
D0
D1
D2
D3
D4
D5
D6
D8
Start bit
9-bit data
Stop bit
RI
SMOD0 = 1
FE
SMOD0 = 1
D7
RI
SMOD0 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com