Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 120 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 121Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 122Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 182 page
background image
120
4173E–USB–09/07
AT89C5132
19. Synchronous Peripheral Interface
The AT89C5132 implement a Synchronous Peripheral Interface with master and slave modes
capability.
Figure 19-1 shows an SPI bus configuration using the AT89C5132 as master connected to slave
peripherals. Figure 19-2 shows an SPI bus configuration using the AT89C5132 as slave of an
other master.
The bus is made of three wires connecting all the devices together:
•
Master Output Slave Input (MOSI): it is used to transfer data in series from the master to a
slave. It is driven by the master.
•
Master Input Slave Output (MISO): it is used to transfer data in series from a slave to the
master. It is driven by the selected slave.
•
Serial Clock (SCK): it is used to synchronize the data transmission both in and out of the
devices through their MOSI and MISO lines. It is driven by the master for eight clock cycles
which allows to exchange one byte on the serial lines.
Each slave peripheral is selected by one Slave Select pin (SS). If there is only one slave, it may
be continuously selected with SS tied to a low level. Otherwise, the AT89C5132 may select each
device by software through port pins (Pn.x). Special care should be taken not to select two
slaves at the same time to avoid bus conflicts.
Figure 19-1. Typical Master SPI Bus Configuration
Figure 19-2. Typical Slave SPI Bus Configuration
AT89C5132
DataFlash 1
SS
MISO
MOSI
SCK
P4.0
P4.1
P4.2
Pn.z
Pn.y
Pn.x
SO
SI
SCK
DataFlash 2
SS
SO
SI
SCK
LCD
Controller
SS
SO
SI
SCK
MASTER
Slave 1
SS
MISO
MOSI
SCK
SSn
SS1
SS0
SO
SI
SCK
Slave 2
SS
SO
SI
SCK
AT89C5132
Slave n
SS
MISO MOSI SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com