Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 123 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 121Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 122Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 124Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 125Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 126Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 182 page
background image
123
4173E–USB–09/07
AT89C5132
AT89C5132 captures data from the SI line while the selected slave captures data from the SO
line.
For simplicity, the following figures depict the SPI waveforms in idealized form and do not pro-
vide precise timing information. For timing parameters refer to the Section “AC Characteristics”.
Note:
1. When the peripheral is disabled (SPEN = 0), default SCK line is high level.
Figure 19-5. Data Transmission Format (CPHA = 0)
Figure 19-6. Data Transmission Format (CPHA = 1)
19.1.5
SS Management
Figure 19-5 shows an SPI transmission with CPHA = 0, where the first SCK edge is the MSB
capture point. Therefore the slave starts to output its MSB as soon as it is selected: SS asserted
to low level. SS must then be deasserted between each byte transmission (see Figure 19-7).
SPDAT must be loaded with data before SS is asserted again.
1
2
3
4
5
6
7
8
MSB
bit 1
LSB
bit 2
bit 4
bit 3
bit 6
bit 5
bit 1
bit 2
bit 4
bit 3
bit 6
bit 5
MSB
LSB
MOSI (from Master)
MISO (from Slave)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (Internal)
SCK Cycle Number
SS (to Slave)
to Capture Point
1
2
3
4
5
6
7
8
MSB
bit 1
LSB
bit 2
bit 4
bit 3
bit 6
bit 5
bit 1
bit 2
bit 4
bit 3
bit 6
bit 5
MSB
LSB
MOSI (from Master)
MISO (from Slave)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (Internal)
SCK Cycle Number
SS (to Slave)
Capture Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com