Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 124 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 121Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 122Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 124Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 125Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 126Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 127Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 182 page
background image
124
4173E–USB–09/07
AT89C5132
Figure 19-6 shows an SPI transmission with CPHA = 1, where the first SCK edge is used by the
slave as a start of transmission signal. Therefore SS may remain asserted between each byte
transmission (see Figure 19-7).
Figure 19-7. SS Timing Diagram
19.1.6
Error Conditions
The following flags signal the SPI error conditions:
•
MODF in SPSTA signals a mode fault.
MODF flag is relevant only in master mode when SS usage is enabled (SSDIS bit cleared).
It signals when set that another master on the bus has asserted SS pin and so, may create
a conflict on the bus with two masters sending data at the same time.
A mode fault automatically disables the SPI (SPEN cleared) and configures the SPI in slave
mode (MSTR cleared).
MODF flag can trigger an interrupt as explained in Section "Interrupt", page 124.
MODF flag is cleared by reading SPSTA and re-configuring SPI by writing to SPCON.
•
WCOL in SPSTA signals a write collision.
WCOL flag is set when SPDAT is loaded while a transfer is on-going. In this case, data is not
written to SPDAT and transfer continues uninterrupted. WCOL flag does not trigger any
interrupt and is relevant jointly with SPIF flag.
WCOL flag is cleared after reading SPSTA and writing new data to SPDAT while no transfer
is ongoing.
19.2
Interrupt
The SPI handles two interrupt sources; the “end of transfer” and the “mode fault” flags.
As shown in Figure 19-8 these flags are combined together to appear as a single interrupt
source for the C51 core. The SPIF flag is set at the end of an 8-bit shift in and out and is cleared
by reading SPSTA and then reading from or writing to SPDAT.
The MODF flag is set in case of mode fault error and is cleared by reading SPSTA and then writ-
ing to SPCON.
The SPI interrupt is enabled by setting ESPI bit in IEN1 register. This assumes interrupts are
globally enabled by setting EA bit in IEN0 register.
Figure 19-8. SPI Interrupt System
19.3
Configuration
The SPI configuration is made through SPCON.
SS (CPHA = 1)
SS (CPHA = 0)
SI/SO
Byte 1
Byte 2
Byte 3
ESPI
IEN1.2
SPI Controller
Interrupt Request
SPIF
SPSTA.7
MODF
SPSTA.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com