Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 121 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 121 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 121Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 122Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 123Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 124Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 125Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 182 page
background image
121
4173E–USB–09/07
AT89C5132
19.1
Description
The SPI controller interfaces with the C51 core through three special function registers: SPCON,
the SPI control register (see Table 98); SPSTA, the SPI status register (see Table 99); and
SPDAT, the SPI data register (see Table 100).
19.1.1
Master Mode
The SPI operates in master mode when the MSTR bit in SPCON is set.
Figure 19-3 shows the SPI block diagram in master mode. Only a master SPI module can initiate
transmissions. Software begins the transmission by writing to SPDAT. Writing to SPDAT writes
to the shift register while reading SPDAT reads an intermediate register updated at the end of
each transfer.
The byte begins shifting out on the MOSI pin under the control of the bit rate generator. This
generator also controls the shift register of the slave peripheral through the SCK output pin. As
the byte shifts out, another byte shifts in from the slave peripheral on the MISO pin. The byte is
transmitted most significant bit (MSB) first. The end of transfer is signalled by SPIF being set.
In case of the AT89C5132 is the only master on the bus, it can be useful not to use SS pin and
get it back to I/O functionality. This is achieved by setting SSDIS bit in SPCON.
Figure 19-3. SPI Master Mode Block Diagram
Note:
MSTR bit in SPCON is set to select master mode.
19.1.2
Slave Mode
The SPI operates in slave mode when the MSTR bit in SPCON is cleared and data has been
loaded in SPDAT.
Figure 19-4 shows the SPI block diagram in slave mode. In slave mode, before data transmis-
sion occurs, the SS pin of the slave SPI must be asserted to low level. SS must remain low until
the transmission of the byte is complete. In the slave SPI module, data enters the shift register
through the MOSI pin under the control of the serial clock provided by the master SPI module on
the SCK input pin. When the master starts a transmission, the data in the shift register begins
shifting out on the MISO pin. The end of transfer is signaled by SPIF being set.
Bit Rate Generator
SPR2:0
SPCON
MOSI/P4.1
MISO/P4.0
SCK/P4.2
CPOL
SPCON.3
SPEN
SPCON.6
CPHA
SPCON.2
PER
CLOCK
8-bit Shift Register
SPDAT WR
I
Q
SPDAT RD
Control and Clock Logic
MODF
SPSTA.4
SS/P4.3
SSDIS
SPCON.5
WCOL
SPSTA.6
SPIF
SPSTA.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com