Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 117 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 117 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 113Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 114Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 115Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 116Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 117Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 118Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 119Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 120Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 121Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 182 page
background image
117
4173E–USB–09/07
AT89C5132
SCON (S:98h) – Serial Control Register
Reset Value = 0000 0000b
Table 92. SBUF Register
SBUF (S:99h) – Serial Buffer Register
Reset value = XXXX XXXXb
7
6
5
4
3
2
1
0
FE/SM0
OVR/SM1
SM2
REN
TB8
RB8
TI
RI
Bit Number
Bit
Mnemonic
Description
7
FE
Framing Error Bit
To select this function, set SMOD0 bit in PCON register.
Set by hardware to indicate an invalid stop bit.
Must be cleared by software.
SM0
Serial Port Mode Bit 0
Refer to Table 89 for mode selection.
6
SM1
Serial Port Mode Bit 1
Refer to Table 89 for mode selection.
5
SM2
Serial Port Mode Bit 2
Set to enable the multiprocessor communication and automatic address recognition
features.
Clear to disable the multiprocessor communication and automatic address recognition
features.
4
REN
Receiver Enable Bit
Set to enable reception.
Clear to disable reception.
3
TB8
Transmit Bit 8
Modes 0 and 1: Not used.
Modes 2 and 3: Software writes the ninth data bit to be transmitted to TB8.
2
RB8
Receiver Bit 8
Mode 0: Not used.
Mode 1 (SM2 cleared): Set or cleared by hardware to reflect the stop bit received.
Modes 2 and 3 (SM2 set): Set or cleared by hardware to reflect the ninth bit received.
1
TI
Transmit Interrupt Flag
Set by the transmitter after the last data bit is transmitted.
Must be cleared by software.
0
RI
Receive Interrupt Flag
Set by the receiver after the stop bit of a frame has been received.
Must be cleared by software.
7
6
5
4
3
2
1
0
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
Bit Number
Bit
Mnemonic
Description
7 - 0
SD7:0
Serial Data Byte
Read the last data received by the Serial I/O Port.
Write the data to be transmitted by the Serial I/O Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com