Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5132-ROTIL Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT89C5132-ROTIL
Description  USB Microcontroller with 64K Bytes Flash Memory
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5132-ROTIL Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT89C5132-ROTIL Datasheet HTML 100Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 101Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 102Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 103Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 104Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 105Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 106Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 107Page - ATMEL Corporation AT89C5132-ROTIL Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 182 page
background image
104
4173E–USB–09/07
AT89C5132
17. IDE/ATAPI Interface
The AT89C5132 provide an IDE/ATAPI interface allowing connection of devices such as CD-
ROM reader, CompactFlash cards, hard disk drive, etc. It consists of a 16-bit data transfer (read
or write) between the AT89C5132 and the IDE devices.
17.1
Description
The IDE interface mode is enabled by setting the EXT16 bit in AUXR (see Table 14 on page 27).
As soon as this bit is set, all MOVX instructions read or write are done in a 16-bit mode compare
to the standard 8-bit mode. P0 carries the low order multiplexed address and data bus (A7:0,
D7:0) while P2 carries the high order multiplexed address and data bus (A15:8, D15:8). When
writing data in IDE mode, the ACC contains D7:0 data (as in 8-bit mode) while DAT16H register
(see Table 88) contains D15:8 data. When reading data in IDE mode, D7:0 data is returned in
ACC while D15:8 data is returned in DAT16H.
Figure 17-1 shows the IDE read bus cycle while Figure 17-2 shows the IDE write bus cycle. For
simplicity, these figures depict the bus cycle waveforms in idealized form and do not provide pre-
cise timing information. For IDE bus cycle timing parameters refer to the Section “AC
Characteristics”.
IDE cycle takes 6 CPU clock periods which is equivalent to 12 oscillator clock periods in stan-
dard mode or 6 oscillator clock periods in X2 mode. For further information on X2 mode, refer to
the Section “X2 Feature”, page 12.
Slow IDE devices can be accessed by stretching the read and write cycles. This is done using
the M0 bit in AUXR. Setting this bit changes the width of the RD and WR signals from 3 to 15
CPU clock periods.
Figure 17-1. IDE Read Waveforms
Notes:
1. RD signal may be stretched using M0 bit in AUXR register.
2. When executing MOVX @Ri instruction, P2 outputs SFR content.
3. When executing MOVX @DPTR instruction, if DPHDIS is set (Page Access Mode), P2 out-
puts SFR content instead of DPH.
ALE
P0
P2
RD(1)
DPL or Ri
D7:0
P2
CPU Clock
DPH or P2(2),(3)
D15:8
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com