Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 21 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 21 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 17Page - Digital Core Design DP80390 Datasheet HTML 18Page - Digital Core Design DP80390 Datasheet HTML 19Page - Digital Core Design DP80390 Datasheet HTML 20Page - Digital Core Design DP80390 Datasheet HTML 21Page - Digital Core Design DP80390 Datasheet HTML 22Page - Digital Core Design DP80390 Datasheet HTML 23Page - Digital Core Design DP80390 Datasheet HTML 24Page - Digital Core Design DP80390 Datasheet HTML 25Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
DP80390 Instructions set details
- 21 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.4.
AJMP *
3.4.1. LARGE
Instruction:
AJMP addr11
Function:
Absolute jump
Description:
AJMP transfers program execution to the indicated address, which is
formed at runtime by concatenating the high-order five bits of the PC
(after incrementing the PC twice), opcode bits 7-5, the second byte of
the instruction. The destination must therefore be within the same 2K
block of program memory as the first byte of the instruction following
AJMP.
Operation:
(PC)
← (PC) + 2
(PC10-0)
← page address
Bytes:
2
Cycles:
3
Encoding:
a10 a9
a8
0
0
0
0
1
a7
a6
a5
a4
a3
a2
a1
a0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com