Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 13 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 13 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design DP80390 Datasheet HTML 11Page - Digital Core Design DP80390 Datasheet HTML 12Page - Digital Core Design DP80390 Datasheet HTML 13Page - Digital Core Design DP80390 Datasheet HTML 14Page - Digital Core Design DP80390 Datasheet HTML 15Page - Digital Core Design DP80390 Datasheet HTML 16Page - Digital Core Design DP80390 Datasheet HTML 17Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
DP80390 Instructions set details
- 13 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
Opcode
Mnemonic
Opcode
Mnemonic
60 H
JZ rel
90 H
MOV DPTR,#data16
MOV DPTR,#data24
61 H
AJMP addr11
91 H
ACALL addr11
62 H
XRL direct,A
92 H
MOV bit,C
63 H
XRL direct,#data
93 H
MOVC A,@A+DPTR
64 H
XRL A,#data
94 H
SUBB A,#data
65 H
XRL A,direct
95 H
SUBB A,direct
66 H
XRL A,@R0
96 H
SUBB A,@R0
67 H
XRL A,@R1
97 H
SUBB A,@R1
68 H
XRL A,R0
98 H
SUBB A,R0
69 H
XRL A,R1
99 H
SUBB A,R1
6A H
XRL A,R2
9A H
SUBB A,R2
6B H
XRL A,R3
9B H
SUBB A,R3
6C H
XRL A,R4
9C H
SUBB A,R4
6D H
XRL A,R5
9D H
SUBB A,R5
6E H
XRL A,R6
9E H
SUBB A,R6
6F H
XRL A,R7
9F H
SUBB A,R7
70 H
JNZ rel
A0 H
ORL C,bit
71 H
ACALL addr11/addr19
A1 H
AJMP addr11/addr19
72 H
ORL C,direct
A2 H
MOV C,bit
73 H
JMP @A+DPTR
A3 H
INC DPTR
74 H
MOV A,#data
A4 H
MUL AB
75 H
MOV direct,#data
A5 H
-
76 H
MOV @R0,#data
A6 H
MOV @R0,direct
77 H
MOV @R1,#data
A7 H
MOV @R1,direct
78 H
MOV R0.#data
A8 H
MOV R0,direct
79 H
MOV R1.#data
A9 H
MOV R1,direct
7A H
MOV R2.#data
AA H
MOV R2,direct
7B H
MOV R3.#data
AB H
MOV R3,direct
7C H
MOV R4.#data
AC H
MOV R4,direct
7D H
MOV R5.#data
AD H
MOV R5,direct
7E H
MOV R6.#data
AE H
MOV R6,direct
7F H
MOV R7.#data
AF H
MOV R7,direct
80 H
SJMP rel
B0 H
ANL C,bit
81 H
AJMP addr11/addr19
B1 H
ACALL addr11/addr19
82 H
ANL C,bit
B2 H
CPL bit
83 H
MOVC A,@A+PC
B3 H
CPL C
84 H
DIV AB
B4 H
CJNE A,#data,rel
85 H
MOV direct,direct
B5 H
CJNE A,direct,rel
86 H
MOV direct,@R0
B6 H
CJNE @R0,#data,rel
87 H
MOV direct,@R1
B7 H
CJNE @R1,#data,rel
88 H
MOV direct,R0
B8 H
CJNE R0,#data,rel
89 H
MOV direct,R1
B9 H
CJNE R1,#data,rel
8A H
MOV direct,R2
BA H
CJNE R2,#data,rel
8B H
MOV direct,R3
BB H
CJNE R3,#data,rel
8C H
MOV direct,R4
BC H
CJNE R4,#data,rel
8D H
MOV direct,R5
BD H
CJNE R5,#data,rel
8E H
MOV direct,R6
BE H
CJNE R6,#data,rel
8F H
MOV direct,R7
BF H
CJNE R7,#data,rel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com