Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP80390 Datasheet(PDF) 8 Page - Digital Core Design

Part # DP80390
Description  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 Datasheet(HTML) 8 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 4Page - Digital Core Design DP80390 Datasheet HTML 5Page - Digital Core Design DP80390 Datasheet HTML 6Page - Digital Core Design DP80390 Datasheet HTML 7Page - Digital Core Design DP80390 Datasheet HTML 8Page - Digital Core Design DP80390 Datasheet HTML 9Page - Digital Core Design DP80390 Datasheet HTML 10Page - Digital Core Design DP80390 Datasheet HTML 11Page - Digital Core Design DP80390 Datasheet HTML 12Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
DP80390 Instructions set details
- 8 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
2.2. INSTRUCTION SET BRIEF FUNCTIONAL ORDER
2.2.1. ARITHMETIC OPERATIONS
Mnemonic
Description
Code
Bytes Cycles
ADD A,Rn
Add register to accumulator
0x28-0x2F
1
1
ADD A,direct
Add direct byte to accumulator
0x25
2
2
ADD A,@Ri
Add indirect RAM to accumulator
0x26-0x27
1
2
ADD A,#data
Add immediate data to accumulator
0x24
2
2
ADDC A,Rn
Add register to accumulator with carry flag
0x38-0x3F
1
1
ADDC A,direct
Add direct byte to A with carry flag
0x35
2
2
ADDC A,@Ri
Add indirect RAM to A with carry flag
0x36-0x37
1
2
ADDC A,#data
Add immediate data to A with carry flag
0x34
2
2
SUBB A,Rn
Subtract register from A with borrow
0x98-0x9F
1
1
SUBB A,direct
Subtract direct byte from A with borrow
0x95
2
2
SUBB A,@Ri
Subtract indirect RAM from A with borrow
0x96-0x97
1
2
SUBB A,#data
Subtract immediate data from A with borrow
0x94
2
2
INC A
Increment accumulator
0x04
1
1
INC Rn
Increment register
0x08-0x0F
1
2
INC direct
Increment direct byte
0x05
2
3
INC @Ri
Increment indirect RAM
0x06-0x07
1
3
DEC A
Decrement accumulator
0x14
1
1
DEC Rn
Decrement register
0x18-0x1F
1
2
DEC direct
Decrement direct byte
0x15
1
3
DEC @Ri
Decrement indirect RAM
0x16-0x17
2
3
INC DPTR
Increment data pointer
0xA3
1
1
MUL A,B
Multiply A and B
0xA4
1
2
DIV A,B
Divide A by B
0x84
1
6
DA A
Decimal adjust accumulator
0xD4
1
3
Table 3. Arithmetic operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com